PART |
Description |
Maker |
2SK3018 |
SOT-23 Plastic-Encapsulate MOSF ETS
|
TY Semiconductor Co., Ltd
|
M74HC352B1R M74HC353M1R M54HC352 M54HC352B1R M54HC |
HC353: DUAL 4 CHANNEL MULTIPLEXER 3 STATE OUTPUT(INV.) HC352: DUAL 4 CHANNEL MULTIPLEXER(INV.) HC353: DUAL 4 CHANNEL MULTIPLEXER 3 STATEOUTPUTINV. HC352: DUAL 4 CHANNEL MULTIPLEXERINV. 12-Bit, 2.5 us Dual DAC, Serial Input, Programmable Settling Time, M temperature 8-CDIP -55 to 125 VDSL Codec 80-LQFP -40 to 85 12-Bit, Single Channel DAC, Parallel, Voltage Out, Low Power, Asynchronous Update 20-SOIC 0 to 70
|
SGS Thomson Microelectronics ST Microelectronics STMICROELECTRONICS[STMicroelectronics] 意法半导
|
OM6215SS OM6214SS OM6216SS OM6217SS |
30 A, 100 V, 0.065 ohm, 2 CHANNEL, N-CHANNEL, Si, POWER, MOSFET TWO POWER MOSFETS IN HERMETIC ISOLATED SIP PACKAGE 100V Dual N-Channel MOSFET in a S-6 package 400V Dual N-Channel MOSFET in a S-6 package 500V Dual N-Channel MOSFET in a S-6 package 200V Dual N-Channel MOSFET in a S-6 package
|
List of Unclassifed Manufacturers ETC International Rectifier
|
MIC501305 MIC5013YM |
IC DRIVER MOSF HI/LO SIDE 8SOIC BUF OR INV BASED MOSFET DRIVER, PDSO8 Protected High- or Low-Side MOSFET Driver
|
Micrel Semiconductor, Inc.
|
FDS8960C0511 FDS8960C |
35V Dual N & P-Channel PowerTrenchMOSFET Dual N & P-Channel PowerTrench㈢ MOSFET Dual N & P-Channel PowerTrench? MOSFET
|
FAIRCHILD[Fairchild Semiconductor]
|
FDMA6023PZT |
-20V Dual P-Channel PowerTrenchMOSFET Dual P-Channel PowerTrench垄莽 MOSFET -20 V, -3.6 A, 60 m楼? Dual P-Channel PowerTrench? MOSFET -20 V, -3.6 A, 60 mΩ
|
Fairchild Semiconductor
|
MAX306-MAX307 MAX307 MAX307CPI MAX307CWI MAX307EPI |
Precision, 16-Channel/Dual 8-Channel, High-Performance, CMOS Analog Multiplexers Precision 16-Channel/Dual 8-Channel High-Performance CMOS Analog Multiplexers Circular Connector; Body Material:Aluminum; Series:PT06; Number of Contacts:19; Connector Shell Size:14; Connecting Termination:Crimp; Circular Shell Style:Straight Plug; Circular Contact Gender:Pin; Insert Arrangement:14-19 Precision / 16-Channel/Dual 8-Channel / High-Performance / CMOS Analog Multiplexers Precision.16-Channel/Dual 8-Channel.High-Performance.CMOS Analog Multiplexers 高精度6通道/通道、高性能、CMOS模拟多路复用
|
MAXIM - Dallas Semiconductor MAXIM[Maxim Integrated Products] Maxim Integrated Products, Inc.
|
BL-BJ33V4V-1 |
Dual N-Channel & Dual P-Channel Matched MOSFET Pair, Enhancement Mode, 14L CDIP LED AlGaInP/GaAs Super Orange Low current requirement.
|
Bright LED Electronics Corp.
|
IDT7134LA70P IDT7134LA70PB IDT7134SA35C IDT7134SA3 |
150V N-Channel UltraFET Trench MOSFET HIGH-SPEED 4K x 8 DUAL-PORT STATIC RAM 4K X 8 DUAL-PORT SRAM, 25 ns, PQCC52 HIGH-SPEED 4K x 8 DUAL-PORT STATIC RAM 4K X 8 DUAL-PORT SRAM, 35 ns, PQCC52 HIGH-SPEED 4K x 8 DUAL-PORT STATIC RAM 4K X 8 DUAL-PORT SRAM, 35 ns, CDIP48 250V N-Channel MOSFET; Package: TO-220F; No of Pins: 3; Container: Rail FTDI232BM, USB-RS232, 32-LQFP SMT 30V Dual Notebook Power Supply N-Channel PowerTrench in SO-14 Package; Package: SO-14; No of Pins: 14; Container: Tape & Reel
|
Integrated Device Technology, Inc. IDT[Integrated Device Technology] INTEGRATED DEVICE TECHNOLOGY INC Integrated Device Techn...
|
FDMC8200S |
30V Dual N-Channel PowerTrenchMOSFET Dual N-Channel PowerTrench? MOSFET 30 V, 10 mΩ, 20 mΩ
|
Fairchild Semiconductor
|
NTHD5902T1 NTHD5902T1-D |
Power MOSFET Dual N-Channel ChipFET 2.9 Amps, 30 Volts Power MOSFET Dual N-Channel ChipFET TM(双N沟道ChipFET TM功率MOSFET) 2900 mA, 30 V, 2 CHANNEL, N-CHANNEL, Si, SMALL SIGNAL, MOSFET
|
ON Semiconductor
|